Part Number Hot Search : 
0B6TR S13D2 1N746 20U60 ATTINY SXXXXC 19371352 8016A
Product Description
Full Text Search
 

To Download DO-213AB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  solderable ends d2 d2=d1  0  0.20 0.5 0.1 0.5 0.1 4.9 0.2 2.6 0.15 d1 m ax imum r atings a nd electrical characteristics ratings at 25 o c ambient temperature unless otherwise specified maximum recurrent peak reverse voltage v rrm v ma x imu m rms v o lt a g e v rws v maximum dc blocking voltage v dc v maximum average forw ord rectif ied current at c t l (see fig.1) ( note 2) i (av) a peak f orw ard surge current 8.3ms single half - c sine-w ave superimposed on rated load(jedec c method) i fsm a maximum ins tantaneous f orw ard v ol tage at v 1.0a(note.1) v f v maximum dc reverse current @t a = 25 o c at r ated d c blocking voltage(note1) @ t a =100 o c r | ja r | jl operating junction and storagetemperature range t stg o c storage temperature range t j o c 0.5 45 15 i r note: 1.pulse test:300 | s pulse width,1%duty cy cle 2. p.c.b.moun ted w ith 0 . 55 " x0 .55"( 14.0x14.0mm 2 )copper pad areas re verse voltage: 20 --- 100 v current: 1.0 a ? built-in strain relief ? case:jedec DO-213AB,molded plastic over 1 111passi v ated chip ? low power loss,high effciency ? plastic package has underwriters laborator 111 flammability classification 94v-0 typical thermal resitance (note2) k /w ? high temperature soldering guaranteed:250 o c/10 1 11 seconds at terminals sms120 sms130 sms140 sms160 sms190 sms1a0 ? polarity: color band deno t es cathode end ? weight: 0.0046 ounces, 0.116 gram ma units 20 30 40 60 90 100 do - 213ab ? low profile package ? f or surface mounted applications 14 21 28 42 63 70 20 30 40 60 90 100 ? h igh current capability,low forward voltage drop 30 1.0 ? for use in low voltage high frequency inverters,free 111 wheeling and polarity protection applications ? guardring for overvoltage protection -55--- +150 -55--- +150 0.5 0.7 0.79 5.0 ? metal silicon junction, majority carrier conduction ? high surge capability dimensions in millimeters s ms120-sms1a0 surface mount schottky barrier rectifiers features mechanical data http://www.luguang.cn mail:lge@luguang.cn
.01 0 0.1 1.0 10 100 80 60 40 20 100 t j =25 t j =100 0 10 30 1 1 0 10 0 15 5 8.3ms single half si ne-wave 50 25 20 5 40 . 2 . 3 .4 .5 .6 .7 .8 .9 0.01 1 .0 10 sms120 sms160 sms190 0 .2 .4 .6 .8 0 25 50 75 single phase half wave 60h z resistive or inductive load 1.0 100 125 150 175 average forward rectified current,amperes peak forward surge current,amperes instantaneous forward current,amperes instant aneous reverse current,microamperes number of cycles at 60hz instantaneous forward voltage,volts percent of rated peak reverse voltage,? lead temperature ?? fig.3 -- typical forward characteristics fig.4 -- typical reverse characteristics fig. 1 -- forward derating curve fig. 2-- peak forward surge current -sms1a0 -sms140 0.1 s ms120-sms1a0 surface mount schottky barrier rectifiers ratings and charactieristic curves http://www.luguang.cn mail:lge@luguang.cn


▲Up To Search▲   

 
Price & Availability of DO-213AB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X